PART |
Description |
Maker |
3PMT15A 3PMT90A 3PMT100A 3PMT10A 3PMT110A 3PMT11A |
POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
JANTX1N5907TR |
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
Microsemi, Corp.
|
2SK3747 |
2 A, 1500 V, 13 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
|
1SMC9.0CA 1SMC8.0CA 1SMC8.5CA 1SMC85CA 1SMC6.0CA 1 |
SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Central Semiconductor Corp http:// Central Semiconductor C...
|
STW3N150 STP3N150 STFW3N150 STFW3N15010 |
N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH Power MOSFET in TO-220, TO-247, TO-3PF
|
STMicroelectronics
|
SMCJ6036 SMCJ6036A SMCJ6037 SMCJ6037A SMCJ6038 SMC |
CMOS Triple 3-Input NAND Gate 14-PDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Dual 4-Input OR Gate 14-TSSOP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB CMOS Triple 3-Input NAND Gate 14-CDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB From old datasheet system
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1.5KE22C 1.5KE75C 1.5KE16CA 1.5KE62CA 1.5KE6.8C 1. |
Ppk=1500W, Vc=574V transient voltage suppressor 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-SM8 -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 18-Bit Universal Bus Driver With 3-State Outputs 56-TVSOP -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Ppk=1500W, Vc=258V transient voltage suppressor
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
MSPSMCGLCE17ATR JANMQSMCGLCE24ATR JANMQSMCJLCE24AT |
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB 1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500瓦的低电容表面贴装瞬态电压抑制器
|
Microsemi, Corp.
|
RTF015N0309 RTF015N03TL |
2.5V Drive Nch MOSFET 1500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Rohm
|
NTMFS4120N NTMFS4120NT1G NTMFS4120NT3G |
Power MOSFET 30 V, 31 A, Single N-Channel SO-8 Flat Lead ; Package: SO8FL / DFN6 5x6, 1.27P; No of Pins: 6; Container: Tape and Reel; Qty per Container: 1500 11000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
|
ON Semiconductor
|
1.5FMCJ62A 1.5FMCJ91A 1.5FMCJ68A 1.5FMCJ43A 1.5FMC |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
|
RECTRON LTD Rectron Semiconductor
|
|